PART |
Description |
Maker |
51565-3 |
Multiple Coaxial Contacts ( COAXICON ); SUBMIN SOCKET ( AMP )
|
Tyco Electronics
|
M80-4C11642F1-06-305-00-000 |
Datamate 2-Row Mix-Tek Female Crimp Connector, Hexagonal jackscrews, 16 x Small bore signal contacts, 3 x 2mm Crimp Coax contacts 22 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Harwin PLC
|
M80-4C10642F1-02-326-02-326 |
Datamate 2-Row Mix-Tek Female Crimp Connector, Hexagonal jackscrews, 6 x Small bore signal contacts, 4 x 14 AWG Power contacts
|
HARWIN INC
|
M80-4C10805F1-02-325-00-000 |
Datamate 2-Row Mix-Tek Female Crimp Connector, Hexagonal jackscrews, 8 x Small bore signal contacts, 2 x 12 AWG Power contacts
|
HARWIN INC
|
10-01-3046 |
Multipole Connector; Gender:Female; No. of Contacts:4; Series:SPOX; Body Material:Nylon 6/6; No. of Rows:1 4 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE
|
Molex, Inc.
|
19418-0005 |
Connector; Gender:Female; Number of Contacts:4; Series:MX150L; Color:Black; For Use With:19420; Pitch Spacing:5.84mm; Wire Size (AWG):22-18 4 CONTACT(S), FEMALE, COMBINATION LINE CONNECTOR, CRIMP, RECEPTACLE
|
Molex, Inc.
|
15-24-7247 15-24-7103 15-24-7161 15-24-7183 15-24- |
MiniFit BMI Rec Hdr AssyV-0 24Ckt PhB Au 24 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE Header; No. of Contacts:10; Pitch Spacing:4.2mm; No. of Rows:2; Series:BMI; Connector Body Material:Nylon; Mounting Type:PC Board; Terminal Type:Straight Pin 10 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE MiniFit BMI Vt Rcpt Hdr Tin V-0 16Ckt 16 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE Header Connector,PCB Mnt,PLUG,18 Contacts,SKT,0.165 Pitch,PC TAIL Terminal RoHS Compliant: Yes 18 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE A-42385-18D2 V-0 18Ckt 18 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE MiniFit BMI Vt Rcpt Hdr Au V-0 16Ckt 16 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE Header Connector,PCB Mnt,PLUG,14 Contacts,SKT,0.165 Pitch,PC TAIL Terminal RoHS Compliant: Yes 14 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE Mini-Fit BMI Rec Hdr Assy V-0 24Ckt 15247242 Multipole Connector; Number of Contacts:6; Pitch Spacing:4.2mm; Number of Rows:2; Gender:Header; Series:42385; Body Material:PA Polyamide (Nylon) 6/6; Color:Natural, White; Connecting Termination:Thru-Hole; Contact Material:Brass
|
Molex, Inc. MOLEX INC
|
70ADJ-6-FL0G 70ADJ-5-FL1G 70ADJ-2-FL1G 70ADJ-4-FL0 |
Modular Contacts 6 Position Female SMD PCB CONNECTOR Modular Contacts 5 Position Female SMD PCB CONNECTOR Modular Contacts 2 Position Female SMD PCB CONNECTOR Modular Contacts 4 Position Female SMD
|
Bourns, Inc. BOURNS INC
|
M80-4S1240500-01-301-00-000 |
Datamate 2-Row Mix-Tek Female Vertical Connector, No jackscrews, 24 x SMT signal contacts, 1 x 3mm PC Tail Coax contact 25 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER AND SMT
|
Harwin PLC
|
85052-0593 85052-0830 |
Connector,DIN-41612,PCB Mnt,PLUG,48 Contacts,SKT,0.1 Pitch,R ANGLE PC TAIL Terminal,LOCKING RoHS Compliant: Yes 48 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART EURO CONNECTOR, SOLDER DINCONN. R/2 FEMALE 48CKT 850520830 48 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART EURO CONNECTOR, SOLDER
|
Molex, Inc.
|
|